Part Number Hot Search : 
MMBT9 2SC397 HAL504A TS3480CX VS9LTRF H11A3 STR2012 74FST
Product Description
Full Text Search
 

To Download UUR2AXXXMXXXSG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100s capacitance lot no. plastic platform 0.3max. f d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5max. e h positive negative voltage mark for 6.3v is 6v . in case of marking for f 3 units, "v" for rated voltage is omitted. l 0.3 2 voltage trade mark n2 100 10v 1 1 size f 8 6.2 only 2 h plastic platform 0.3max. f d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5max. e positive negative l 0.5 voltage capacitance lot no. trade mark n2 100 35v pressure relief vent (mm) a b c e l h 6.3 5.8 2.4 6.6 6.6 2.2 5.8 0.5 ~ 0.8 6.3 7.7 2.4 6.6 6.6 2.2 7.7 0.5 ~ 0.8 8 6.2 3.3 8.3 8.3 2.3 6.2 0.5 ~ 0.8 8 10 2.9 8.3 8.3 3.1 10 0.8 ~ 1.1 10 10 3.2 10.3 10.3 4.5 10 0.8 ~ 1.1 d l u 1 u 2 r 3 1 4 a 5 1 6 0 7 1 8 m 9 c 10 r 11 1 12 g 13 s 14 configuration package code case dia. code capacitance tolerance ( 20%) rated capacitance (100 m f) rated voltage (10v) series name type d l 6.3 5.8 8 6.2 8 10 10 10 code cr br 6.3 7.7 cr nr nr ur series chip type, high cv chip type, higher capacitance in larger case sizes. designed for surface mounting on high density pc board. applicable to automatic mounting machine using carrier tape. chip type ( f 6.3, f 8 6.2) ( f 8 10, f 10 10) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan d stability at low temperature endurance shelf life resistance to soldering heat marking performance characteristics item 40 ~ +85? 4 ~ 100v 3.3 ~ 1500f 20% at 120hz, 20? after 1 minute's application of rated voltage, leakage current is not more than 0.03cv (a) . black print on the case top. after leaving capacitors under no load at 85? for 1000 hours, they meet the specified value for endurance characteristics listed above. type numbering system (example : 10v 100 f) the capacitors shall be kept on the hot plate maintained at 250?, for 30 seconds. after removing from the hot plate and restored at room temperature, they meet the characteristic requirements listed at right. ur wx after 2000 hours' application of rated voltage at 85?, capacitors meet the characteristic requirements listed at right. capacitance change leakage current tan d within 20% of initial value initial specified value or less 200% or less of initial specified value z 25? / z+20? z 40? / z+20? rated voltage (v) impedance ratio zt / z20 (max.) 100 2 3 63 2 3 50 2 3 35 2 3 25 2 4 16 3 6 10 4 8 6.3 5 10 4 7 15 measurement frequency: 120hz rated voltage (v) tan d (max.) 50 0.12 63 0.12 100 0.12 35 0.14 25 0.16 16 0.20 10 0.24 6.3 0.28 measurement frequency : 120hz, temperature : 20? capacitance change leakage current tan d within 10% of initial value initial specified value or less initial specified value or less higher c/v 4 0.35 aluminum electrolytic capacitors dimension table in next page. the lead-free product is also available upon request. in this case, will be put at 11th digit of type numbering system. size f 8 6.2, will be put at 10th and 11th digit of type numbering system. cl l www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com 4 .com u datasheet
cat.8100s ur series d l (mm) rated ripple (ma rms) at 85? 120hz taping specifications are given in page 22. dimensions frequency coefficient of rated ripple current 00 ~ 47 v 100 ~ 1500 50 hz 120 hz 300 hz 1 khz 10 khz~ 0.80 1.00 1.15 1.40 1.67 0.85 1.00 1.08 1.20 1.30 cap.(f) frequency please refer to page 3 for the minimum order quantity. size f 6.3 5.8 is available for capacitors marked. " " size f 6.3 7.7 is available for capacitors marked. " " size f 8 10 is available for capacitors marked. " " in this case, 6 will be put at 12th digit of type numbering system. aluminum electrolytic capacitors 3.3 4.7 10 22 33 47 100 150 220 330 470 680 1000 1500 3r3 4r7 100 220 330 470 101 151 221 331 471 681 102 152 6.3 5.8 6.3 7.7 8 10 . 8 10 . 10 10 . 152 200 284 344 347 160 ( 143 ) 190 ( 188 ) 265 318 400 ( 372 ) 489 8 6.2 8 6.2 8 10 . 8 10 . 10 10 . 10 10 . 70 85 175 ( 173 ) 240 290 374 454 6.3 5.8 6.3 5.8 8 6.2 8 10 . 8 10 . 10 10 . 10 10 . 125 151 215 ( 162 ) 270 330 ( 307 ) 396 8 6.2 6.3 7.7 8 10 . 8 10 . 10 10 . 10 10 . 65 145 ( 143 ) 192 250 ( 232 ) 305 ( 284 ) 393 6.3 5.8 8 6.2 8 10 . 10 10 . 10 10 . 10 10 . 55 105 ( 94 ) 175 ( 132 ) 214 265 ( 246 ) 324 6.3 5.8 8 6.2 8 10 . 8 10 . 10 10 . 10 10 . 35 1v 50 1h 45 95 ( 94 ) 140 ( 105 ) 195 ( 181 ) 238 289 6.3 5.8 8 6.2 8 10 . 10 10 . 10 10 . 10 10 . 63 1j 31 46 96 117 140 232 6.3 5.8 8 6.2 8 10 . 8 10 . 8 10 . 10 10 . 29 40 (35) 77 100 130 155 6.3 5.8 8 6.2 8 10 . 8 10 . 10 10 . 10 10 . 100 2a 25 1e 16 1c 10 1a 6.3 0j 4 0g cap. ( f ) v code case size rated ripple www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of UUR2AXXXMXXXSG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X